Part Number Hot Search : 
MC145 CA3012 SA40011 KF454B S9684 EKLG201E BU9831 HZ11H
Product Description
Full Text Search
 

To Download KA75270 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
KA75XXX
Voltage Detector
Features
* Detecting Against Error Operations At The Power On/off. * Resetting Function For The Low Voltage Microprocessor. * Checking Low Battery
Description
The KA75250/KA75270/KA75290/KA75310/KA75330/ KA75360/KA75390/KA75420/KA75450 prevents the error of system from supply voltage below normal voltage level at the time the power on and instantaneous power off in systems.
TO-92
1
SOT-89
1
1. Input 2. GND 3. Output
Internal Block Diagram
INPUT 1 1:TO-92 3:SOT-89
3
OUT 3:TO-92 1:SOT-89
VREF
2 GND 2:TO-92 2:SOT-89
Rev. 1.0.3
(c)2002 Fairchild Semiconductor Corporation
KA75XXX
Absolute Maximum Rating (TA=25C)
Characteristic Supply Voltage Detecting Voltage Hysteresis Voltage Operating Temperature Storage Temperature Power Dissipation TO-92 SOT-89 Detecting Voltage Temperature Coefficient Symbol Vcc VDET VHYS TOPR TSTG PD VDET/T Value 0.3 ~ +15.0 2.5/2.7/2.9/3.1 3.3/3.6/3.9/4.2/4.5 50 -25 ~ +85 -50 ~ +150 200 500 RL = 200, +0.01 Unit V V mV C C mW %/C
Electrical Characteristics (TA=25C)
Characteristic Symbol Test Conditions RL= 200 VOL 0.4V Detecting Voltage VDET KA75250 KA75270 KA75290 KA75310 KA75330 KA75360 KA75390 KA75420 KA75450 Min 2.35 2.55 2.75 2.95 3.15 3.45 3.75 4.05 4.35 30 0.6 10 8 Typ 2.5 2.7 2.9 3.1 3.3 3.6 3.9 4.2 4.5 50 0.01 300 30 0.8 10 15 20 16 Max 2.65 2.85 3.05 3.25 3.45 3.75 4.05 4.35 4.65 0.4 0.1 100 500 50 1.0 20 30 30 Unit
V
Low Output Voltage Output Leakage Current Hysteresis Voltage Detecting Voltage Temperature Coefficient Circuit Current(At On Time) Circuit Current(At Off Time) Threshold Operating Voltage " L" Transmission Delay Time " H" Transmission Delay Time Output Current (At On Time) Output Current (At On Time)
VOL ILKG VHYS VDET/T ICCL ICCH VTH(OPR) TOL TOH IOLI IOLII
RL = 200 VCC = 15V RL = 200 RL = 200 VCC = VDET(MIN) -0.05V VCC = 5.25V RL = 200, VOL 0.4V RL = 1.0k, CL= 100pF RL = 1.0k, CL = 100pF VCC = VDET(MIN) -0.05V, TA = 25C VCC = VDET(MIN) - 0.05V TA = -25 ~ +85C
V uA mV %/C uA uA V us us mA mA
2
KA75XXX
Test Circuit 1.
A1 INPUT A2
KA75XXX
OUTPUT V1 M 10u 10V
+
GND
Test Circuit 2.
INPUT RL
+
KA75XXX INPUT PULSE 0.1u 50V GND OUTPUT
10u 50V
5V
Test Circuit 3.
INPUT RL LED VCC KA75XXX OUTPUT GND
3
KA75XXX
Application Circuit
INPUT RL VCC KA75XXX OUTPUT GND RESET Vcc CPU GND
4
KA75XXX
Mechanical Dimensions
Package Dimensions in millimeters
TO-92
4.58 -0.15
+0.25
14.47 0.40
0.46 0.10
4.58 0.20
1.27TYP [1.27 0.20] 3.60 0.20
1.27TYP [1.27 0.20]
0.38 -0.05
+0.10
3.86MAX
1.02 0.10
0.38 -0.05
+0.10
(R2.29)
(0.25)
5
KA75XXX
Mechanical Dimensions (Continued)
Package Dimensions in millimeters
SOT-89
4.50 0.20 1.65 0.10 C0.2
(0.50)
1.50 0.20 (0.40)
2.50 0.20
0.50 0.10 1.50 TYP 1.50 TYP
0.40 0.10 0.40
+0.10 -0.05
6
(1.10)
4.10 0.20
KA75XXX
Ordering Information
Product Number KA75250Z KA75270Z KA75290Z KA75310Z KA75330Z KA75360Z KA75390Z KA75420Z KA75450Z KA75250M KA75270M KA75290M KA75310M KA75330M KA75360M KA75390M KA75420M KA75450M SOT-89 -25 ~ +85C TO-92 Package Operating Temperature
7
KA75XXX
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 9/10/02 0.0m 001 Stock#DSxxxxxxxx 2002 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of KA75270

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X